PART |
Description |
Maker |
STAR100011 CYIS1SM1000AA-HHCS |
1M Pixel Radiation Hard CMOS Image Sensor
|
Cypress Semiconductor
|
NOIS1SM0250A-HHC NOIS1SM0250A-WWC |
Pixel Radiation Tolerant CMOS Image Sensor
|
ON Semiconductor
|
IRHLUB7930Z4 IRHLUB7970Z410 JANSR2N7626UB |
RADIATION HARDENED RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
|
International Rectifier
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
Q62702-P422 SFH523 |
Strahlungsdetektor Radiation Detector メ-モ-ャ-Strahlungsdetektor メ-モ-ャ-Radiation Detector From old datasheet system ---Strahlungsdetektor ---Radiation Detector α-β-γ-Strahlungsdetektor α-β-γ-Radiation Detector
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62702-P421 SFH522 |
Strahlungsdetektor Radiation Detector メ-モ-ャ-Strahlungsdetektor メ-モ-ャ-Radiation Detector From old datasheet system ---Strahlungsdetektor ---Radiation Detector α-β-γ-Strahlungsdetektor α-β-γ-Radiation Detector
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
HCS154HMSR FN3077 HCS151MS HCS151D HCS151DMSR HCS1 |
Multiplexer, Digital, 8-Input, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened 4-to-16 Line Decoder/Demultiplexer From old datasheet system Radiation Hardened 8-Input Multiplexer
|
INTERSIL[Intersil Corporation]
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
ACS374DMSR ACS374D ACS374HMSR FN3997 ACS374MS ACS3 |
Radiation Hardened Octal D Flip-Flop/ Three-State Radiation Hardened Octal D Flip-Flop, Three-State From old datasheet system Radiation Hardened Octal D Flip-Flop Three-State D Flip Flop, Octal, Tri-State, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|